Part Number Hot Search : 
BPR58C DE347E SMAJ5928 SFU450 T88SC UC3637Q D150M V16X1
Product Description
Full Text Search
 

To Download G24AW305111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe-13-8-044/a/ss | page 1 of 19 g24.a.w.305111 specifcation part no. g24.a.w.305111 product name ultima g24 ultima series C super low profle penta band cellular 800~960/1710~220mhz antenna screw mount gsm/gprs/cdma/hspa (permanent mount) feature height 19.6mm (0.77) diameter 55mm (2.16) heavy duty screw mount uv and vandal resistant abs housing and thread ip67 compliant standard is 3 meter low loss cable cfd200 sma(m) white housing cables and connectors customizable rohs compliant
spe-13-8-044/a/ss | page 2 of 19 g24.w ultima series cellular antenna is an extremely low profle 2g/3g 800mhz to 2200mhz cellular antenna solution for professional telematics applications. suitable for gsm/gprs/cdma applications worldwide, at only 19.6mm (0.77) in height it is the lowest profle antenna in the market, with a diameter of only 55 mm (2.16). it works well when mounted on both metal and non-metal. in other words it does not need a metal ground-plane to attach to, to radiate, something that competitor antennas all need. durable uv abs housing, thread and nut is resistant to vandalism and direct attack. the ip67 waterproof robust plastic body makes it extremely light, economical for shipping and minimum weight impact on vehicles. this also makes it ideal for use in humid environments such as water pits or marine applications as there are no metal parts to corrode. the closed cell foam with double-sided adhesive provides a permanent waterproof seal and can adjust to different curvatures, stopping water from leaking under the antenna into the mounting hole. lowest loss ptfe cable is used for maximum gain and reduced noise entry through the cable. also available in black. 1. introduction cellular frequency (mhz) 824 ~ 896 880 ~ 960 1710 ~ 1880 1850 ~ 1990 1710 ~ 2170 peak gain (dbi) free space 2.0 1.8 3.9 3.9 3.9 10x10cm ground plane -0.6 0.7 -0.2 1.7 1.7 20x20cm ground plane 1.8 1.8 3.1 3.1 3.1 30x30cm ground plane 0.0 0.0 1.7 1.7 2.0 average gain (dbi) free space -4.1 -4.0 -2.7 -2.8 -2.7 10x10cm ground plane -4.8 -3.3 -4.9 -4.0 -4.0 20x20cm ground plane -4.3 -4.3 -4.2 -4.0 -4.0 30x30cm ground plane -6.3 -6.6 -4.4 -4.4 -4.4 effciency (%) free space 39.1 39.3 53.4 52.5 53.4 10x10cm ground plane 33.8 46.2 32.1 40.0 40.0 20x20cm ground plane 36.9 36.9 37.8 39.3 39.3 30x30cm ground plane 23.4 23.4 36.0 36.0 36.0 2. specifcation
spe-13-8-044/a/ss | page 3 of 19 2. specifcation cellular impedance 50 polarization linear radiation pattern omni mechanical dimensions ? 552mm , height 302 mm, profle 19.6mm ? 2.16; height 1.18; profle 0.77 cable type cfd200 cable length 300030mm (9 101?81.18) casing abs connector sma male environmental temperature range -40c to 85c waterproof ip-67 thermal shock 100 cycles -40c to +80c shock (drop test) 1m drop on concrete 6 axes humidity non-condensing 65c 95% rh
spe-13-8-044/a/ss | page 4 of 19 3.1 cellular antenna swr 3.2 antenna effciency 10 9 8 7 6 5 4 3 2 1 60 50 40 30 20 10 0 500 1000 1500 2000 2500 3000 (mh z) 800 1000 1200 1400 1600 1800 2000 2200 (mh z) free space on 10 x 10cm ground plane on 20 x 20cm ground plane on 30 x 30cm ground plane (%) swr 3. antenna characteristics free space on 10 x 10cm ground plane on 20 x 20cm ground plane on 30 x 30cm ground plane
spe-13-8-044/a/ss | page 5 of 19 3.3 peak gain 3.4 antenna gain 10 5 0 -5 -10 0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 800 1000 1200 1400 1600 1800 2000 2200 (mh z) 800 1000 1200 1400 1600 1800 2000 2200 (mh z) free space on 10 x 10cm ground plane on 20 x 20cm ground plane on 30 x 30cm ground plane (dbi) (dbi) free space on 10 x 10cm ground plane on 20 x 20cm ground plane on 30 x 30cm ground plane
spe-13-8-044/a/ss | page 6 of 19 4. antenna radiation pattern (free space) 4.1 antenna setup (free space)
spe-13-8-044/a/ss | page 7 of 19 4.2.1 x-z plane (dbi) (free space) 4.2 radiation pattern (free space) 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz
spe-13-8-044/a/ss | page 8 of 19 4.2.2 x-z plane (dbi) (free space) 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 4.2 radiation pattern (free space)
spe-13-8-044/a/ss | page 9 of 19 5. antenna radiation pattern (10*10mm) 5.1 antenna setup (10*10mm ground plane)
spe-13-8-044/a/ss | page 10 of 19 5.2.1 x-y plane (dbi) (10*10mm ground plane) 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 5.2 radiation pattern (10*10mm ground plane)
spe-13-8-044/a/ss | page 11 of 19 5.2.2 x-z plane (dbi) (10*10mm ground plane) 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz
spe-13-8-044/a/ss | page 12 of 19 6. antenna radiation pattern C (20*20mm ground plane) 6.1 antenna setup (20*20mm ground plane)
spe-13-8-044/a/ss | page 13 of 19 6.2.1 x-y plane (dbi) (20*20mm ground plane) 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 6.2 radiation pattern (20*20mm ground plane)
spe-13-8-044/a/ss | page 14 of 19 6.2.2 x-z plane (dbi) (20*20mm ground plane) 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz
spe-13-8-044/a/ss | page 15 of 19 7. antenna radiation pattern C (30*30mm ground plane) 7.1 antenna setup (30*30mm ground plane)
spe-13-8-044/a/ss | page 16 of 19 7.2.1 x-y plane (dbi) (20*20mm ground plane) 824mhz 880mhz 960mhz 1710mhz 1880mhz 1990mhz 2170mhz 7.2 radiation pattern (20*20mm ground plane)
spe-13-8-044/a/ss | page 17 of 19 7.2.2 x-z plane (dbi) (20*20mm ground plane) 824mhz 880mhz 960mhz 7.2 radiation pattern (20*20mm ground plane) 1710mhz 1880mhz 1990mhz 2170mhz
spe-13-8-044/a/ss | page 18 of 19 8. drawing name material finish qty 1 housing top abs white 1 2 housing bottom abs white 1 3 m20 nut abs white 1 4 silicon rubber silicon rubber black 1 5 foam dp3060+3m9448 white 1 6 heat shrink tube pe black 1 7 cellular label coated paper blue 1 name spec finish qty xx cable length 3000 60mm 1 yy cable type cfd 200 black 1 zz connector type sma(m) gold 1
spe-13-8-044/a/ss | page 19 of 19 9. packaging taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specifcations and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd. unless other specified tolerances on x x.x x.xx angles holedia scale xxxx unit mm drawn by: jason checked by: wayne designed by: wayne approved by: wayne title: g24.a antenna assembly document g24.a.w.305111 page rev. no. b iso no: psp-12-8-0252 page 7 of 7 5 b ? 5.1 ? pe 1 ? 1pcs antenna per small pc bag 5.2 ?? 40 pe , ?D? 40 small pe bags per box 5.3 ?r????, b?sy antenna should be placed flat and neat in the pe bag. hot seal the pe bag without pressing or damage the antenna 5.4 c???? double check the quantity in each box g24.a pe 1pcs antenna per small pc bag 40 small pe bags per box


▲Up To Search▲   

 
Price & Availability of G24AW305111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X